Part Number Hot Search : 
10019 9161A 74HCT241 NTD4863N CD451 2412W RGP0212E SDM5013
Product Description
Full Text Search
 

To Download APT1001RBN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D
TO-247
G S
APT1001RBN 1000V 11.0A 1.00
(R)
POWER MOS IV
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS PD TJ,TSTG TL Parameter Drain-Source Voltage
APT5030BN 500V
21.0A 0.30
N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
All Ratings: TC = 25C unless otherwise specified.
APT 1001RBN UNIT Volts Amps
1000 11 44 30 310 2.48 -55 to 150 300
Continuous Drain Current @ TC = 25C Pulsed Drain Current Gate-Source Voltage Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
1
Volts Watts W/C C
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS Characteristic / Test Conditions / Part Number Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 A) On State Drain Current
2
MIN APT1001RBN
TYP
MAX
UNIT Volts
1000
ID(ON)
APT1001RBN
11
Amps
(VDS > I D(ON) x R DS(ON) Max, VGS = 10V) Drain-Source On-State Resistance (VGS = 10V, 0.5 ID [Cont.]) Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1.0mA)
2
RDS(ON)
APT1001RBN
1.00
Ohms
IDSS IGSS VGS(TH)
250 1000 100 2 4
A nA Volts
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
050-0008 Rev B
0.40 40
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT1001RBN
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 1.8 MIN TYP MAX UNIT
2460 360 105 90 9.3 47 15 16 64 24
2950 500 160 130 14 70 30 32 95 48
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions / Part Number Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage
1
MIN APT1001RBN
TYP
MAX
UNIT
11 44 1.3 636 4.5 1200 11
Amps
APT1001RBN
2
(VGS = 0V, IS = -ID [Cont.])
Volts ns C
Reverse Recovery Time (IS = -ID [Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], dl S/dt = 100A/s)
SAFE OPERATING AREA CHARACTERISTICS
Symbol SOA1 SOA2 ILM Characteristic Safe Operating Area Safe Operating Area Inductive Current Clamped Test Conditions / Part Number VDS = 0.4 VDSS, IDS = PD / 0.4 VDSS, t = 1 Sec. IDS = ID [Cont.], VDS = PD / ID [Cont.], t = 1 Sec. APT1001RBN MIN TYP MAX UNIT Watts
310 310 44
Amps
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471 APT Reserves the right to change, without notice, the specifications and information contained herein. 1.0 , THERMAL IMPEDANCE (C/W) 0.5 D=0.5 0.1 0.05 0.2 0.1 0.05 0.01 0.005 SINGLE PULSE 0.001 10-5
PDM
0.02 0.01
Note:
t1 t2 2 Peak TJ = PDM x ZJC + TC Duty Factor D = t1/t
050-0008 Rev B
Z
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT1001RBN
16 ID, DRAIN CURRENT (AMPERES) V =10V GS ID, DRAIN CURRENT (AMPERES) 6V 12 5.5V 8 5V 4 4.5V 4V 0 100 200 300 400 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS 20 T = -55C J ID, DRAIN CURRENT (AMPERES) 16
V > I (ON) x R (ON)MAX. DS D DS 230 SEC. PULSE TEST
16 V 12 =10V GS 6V 5.5V 8 5V 4 4.5V 4V 0 4 8 12 16 20 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 2.5
T = 25C
J
0
0
T = +25C J T = +125C J
2 SEC. PULSE TEST NORMALIZED TO
2.0
V
GS
= 10V @ 0.5 I [Cont.]
D
12
1.5
V
=10V GS V =20V GS
8
1.0
4
T = +125C J T = +25C J T = -55C J
0.5
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 12 ID, DRAIN CURRENT (AMPERES) 10 8
0
0.0
0
6 12 18 24 30 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS(ON), DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
1.2
1.1
1.0
6 4 2 0
0.9
0.8
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5
I = 0.5 I [Cont.]
D D
25
0.7 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.4
V
GS
= 10V
2.0
1.2
1.5
1.0
1.0
0.8
0.5
0.6 050-0008 Rev B
0.0 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.4 -50 -25
APT1001RBN
60 ID, DRAIN CURRENT (AMPERES)
OPERATION HERE LIMITED BY R (ON) DS
10S
10,000 C C, CAPACITANCE (pF)
iss
100S
10 1mS 10mS 1 T T C =+25C 100mS DC APT1001RBN =+150C J SINGLE PULSE APT901RBN .1
1,000 C oss
100
C rss
1 5 10 50 100 1000 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 100 50
10
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20
16 V
V
=100V DS
12
=200V DS V =500V DS
20 10 5
T = +150C J
T = +25C J
8
4
2 1
40 80 120 160 200 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 .5 1.0 1.5 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
TO-247AD Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Drain
20.80 (.819) 21.46 (.845) 3.55 (.140) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
Gate Drain Source
050-0008 Rev B
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT1001RBN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X